PART |
Description |
Maker |
M5-128/120-5YI M5-128/120-5YC M5-128/160-5YI M5-19 |
Fifth Generation MACH Architecture 第五代马赫架 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 7.5 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 5.5 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 12 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 7.5 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 12 ns, PBGA256 Fifth Generation MACH Architecture EE PLD, 12 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 15 ns, PBGA352
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp. Air Cost Control
|
LT1394 LT1394CS8TR |
7ns, Low Power, Single Supply, Ground-Sensing Comparator(7ns, 低功耗,单电源,地电平敏感比较器) 7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology Corporation
|
25-0513-10 |
ST SIP SOC W SCREW MACH PIN (25)
|
ARIES ELECTRONICS INC
|
KGL4126F |
10.7 GBPS Mach-zehnder Modulator Driver ic
|
Oki Semiconductor
|
21090286-001 21090286-005 21090286-007 21090286-01 |
Dual Parallel Mach-Zehnder (DPMZ) Modulator
|
JDS Uniphase Corporation
|
ATF16V8C-7JU ATF16V8C-7PU ATF16V8C-10JI G16V8AS G1 |
7NS, PLCC, IND TEMP, GREEN(EPLD) FLASH PLD, 7.5 ns, PQCC20 7NS, PDIP, IND TEMP, GREEN(EPLD) FLASH PLD, 7.5 ns, PDIP20 16V8 FAM,300 GATE SPLD,5V,STD PWR 20 PIN(EPLD) FLASH PLD, 10 ns, PQCC20 Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
|
Atmel, Corp. ATMEL Corporation
|
LTC5505 LTC5564 LTC5507 LTC5508 LTC5509 LTC5536 LT |
UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
|
Linear Technology
|
AD7507JP |
7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 接口IC
|
TE Connectivity, Ltd.
|
ICM7555CBA ICM7555IBA ICM7556MJD ICM7555 ICM7555IP |
Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector General Purpose Timer, Dual, CMOS Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector 低功耗、通用定时 Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector SQUARE, 1 MHz, TIMER, PDIP8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
PRESENTATION |
Presentation - AMDNext Generation Microprocessor Architecture AMDs Next Generation Microprocessor Architecture
|
Advanced Micro Devices
|
MC100EP139 MC100EP139DW MC100EP139DWR2 MC100EP139D |
±2/4, ±4./5/6 Clock Generation Chip From old datasheet system 2/4 4./5/6 Clock Generation Chip
|
ONSEMI[ON Semiconductor]
|
APT8GT60KR |
The Thunderbolt IGBT is a new generation of high voltage power IGBTs. Thunderbolt IGBT 600V 17A The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs. The Thunderbolt IGBTis a new generation of high voltage power IGBTs.
|
ADPOW[Advanced Power Technology] Advanced Power Technology Ltd.
|